Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download HFR-RFH72-C100OHMF001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product speci?cation without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 high frequency surface mount terminators rfh rfj rfk power rating 10w 20w 20w resistance 50 ? , 100 ? , 150 ? , 200 ? , 250 ? , 300 ? 400 ? , 600 ? , 800 ? , tolerance 1% capacitance <0.05pf operating temperature range -55c to 155c absolute tcr 50ppm/c electrical data environmental data test condition to meet short time overload 2.5 x rated voltage 5 sec. 0.2% +0.05 ? load life 1000 hours, 70c 0.2% +0.05 ? moisture resistance 1000 hours, 40c 95% rh 0.2% +0.05 ? temperature cycle 5 cycles +125c high, -55c low 0.2% +0.05 ? resistance to soldering heat 260c, 10 sec. 0.2% +0.05 ? insulation resistance 500v, 1 minute >1,000m ? the rfx series of high frequency line terminators provide superb high frequency performance at power ratings to 20 watts in a surface mount chip. both leadless and leaded versions of the device are available providing maximum ?exibility for mechanical circuit attachment and circuit con?guration. the rfx is available in a wide range of ohmic values from 50 ohms to 800 ohms affording maximum ?exibility in controlled impedance transmission line design and termination. applications include rf/microwave power ampli?ers, power splitters, cell base stations and circulators/isolators. rfx series ? 1% tolerance and 50ppm/c ? small size 10 and 20w power chip resistors ? rf power ampli?ers, rf power source, cell phone stations, rf measurement and termination of circulators/isolators ? two-beam lead and surface mount options available sheet 1 of 4 rfx 14
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 2 of 4 rfx high frequency surface mount terminators physical data dimensions (mm) type a b c d e f g h rfh52 5.0 2.5 1.2 max 0.8 0.8 rfh72 7.0 2.0 1.2 max 0.8 0.8 rfk52 5.0 2.5 1.2 max 0.8 C rfk72 7.0 2.0 1.2 max 0.8 C rfj52 5.0 2.5 1.2 max C 5.0 1.0 1.0 rfj72 7.0 2.0 1.2 max C 5.0 1.0 1.0 0 0 n 5 0 0 1 0 1 n 5 0 0 1 0 1 n r r r 15
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 3 of 4 rfx high frequency surface mount terminators resistor surface terminals flange power terminations temperature rise rfh72c101f on 0.8mm glass te?on pwb s11, rfh72c500f s11, rfh72c101f resistor surface terminals 0 0 0 temerature rise 100 lie oer 10 10 10 0 10 01 5 10 temerature rise r101 on attace eat sin 0 0 0 temerature rise 100 lie oer 10 10 10 0 10 0 1011 1 1 0 11 r151 r r500 resistor urface terminals resistor urface terminals 5 aug 2004 17:30:09 11 1 u fs 1: 113.85 w -34.949 w 4.5539 pf 1 000. 000 000 mhz 2: 98.926 w -42.762 w 2 ghz 3: 94.793 w -41.504 w 3 ghz 4: 101.49 w -33.52 w 4 ghz 5: 98.43 w -28.801 w 5 ghz start .030 000 mhz stop 6 000. 000 000 mhz ch1 s prm cor 1 5 5 aug 2004 17:30:09 11 1 u fs 1: 113.85 w -34.949 w 4.5539 pf 1 000. 000 000 mhz 2: 98.926 w -42.762 w 2 ghz 3: 94.793 w -41.504 w 3 ghz 4: 101.49 w -33.52 w 4 ghz 5: 98.43 w -28.801 w 5 ghz start .030 000 mhz stop 6 000. 000 000 mhz ch1 s prm cor 1 5 1 jul 2004 16:30:26 11 1 u fs 1: 51.916 w 0.0703 w 11.19 ph 1 000. 000 000 mhz 2: 53.658 w -1.4375 w 1.5 ghz 3: 54.947 w -4.5469 w 2 ghz 4: 54.627 w -9.8371 w 2.5 ghz 5: 51.523 w -13.814 w 3 ghz center 1 500. 015 000 mhz span 2 999. 970 000 mhz ch1 s prm cor 1 5 1 2 3 4 5        !    !  
 !     ! 
 !    "   !   ! 16
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com series issue october 2006 sheet 4 of 4 rfx high frequency surface mount terminators 25? 70? 155 % of rated power 0 100 power derating curve ambient temperature (c) pre?x hfr - rfh72 - c50 ohm f 000 model rfh52; rfh72; rfk52; rfk72; rhj52; rfj72 resistance c50 ohm; c100 ohm; c150 ohm; c200 ohm c250 ohm; c300 ohm; c400 ohm; c600 ohm; c800 ohm tolerance f = 1% packaging 000 = 100 pcs/bulk leadless 001 = 100 pcs/bulk leadless 003 = 100 pcs/tray beam leaded ordering data 17


▲Up To Search▲   

 
Price & Availability of HFR-RFH72-C100OHMF001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X